|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
8045 - Compatt 5 Wideband Transponder - Heavy Load - Sonardyne sound in depth |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| JQC-4_07 | Small size heavy contact load capable of standing strong current of 40A at 14VDC | 1 2 3 | DB Lectro Inc |
| SM5TH | Wideband Load Insensitive Mixer | 1 2 | Tyco Electronics |
| NVFS_05 | Small size and light weight. Heavy contact load 30A . | 1 2 | DB Lectro Inc |
| F3000 | HCMOS/TTL HEAVY LOAD OSCILLATOR | 1 | Fox Electronics |
| M5T | Wideband Load Insensitive Mixer | 1 2 | Tyco Electronics |
| SM5T17 | Wideband Load Insensitive Mixer | 1 2 | Tyco Electronics |
| IS211 | Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities | 1 2 3 | ISOCOM COMPONENTS |
| MMBT589LT1_07 | High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications | 1 2 3 4 5 | ON Semiconductor |
| NUD3124_05 | Automotive Inductive Load Driver | 1 2 3 4 5 More | ON Semiconductor |
| AAT4610A | Current Limited Load Switch | 1 2 3 4 5 More | Advanced Analog Technology, Inc. |
Datasheet Page |
1 2 |
Link URL |
|
|