|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SM2027-41LS - 2000-2700 MHz 12.5 Watt Ultra-Linear Power Amplifier - Stealth Microwave, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SM1822-42LS | 1800 - 2200 MHz 15 Watt Ultra-Linear Power Amplifier | 1 2 | Stealth Microwave, Inc. |
| SM7175-43 | 7100-7500 MHz 20 Watt Ultra-Linear Power Amplifier | 1 2 | Stealth Microwave, Inc. |
| SM2025-38LS | 2000-2500 MHz 6 Watt Ultra-Linear Power Amplifier | 1 2 | Stealth Microwave, Inc. |
| SM2025-41LS | 2000 - 2500 MHz 12 Watt Ultra-Linear Power Amplifier | 1 2 | Stealth Microwave, Inc. |
| SM2025-42LS | 2000 - 2500 MHz 15 Watt Ultra-Linear Power Amplifier | 1 2 | Stealth Microwave, Inc. |
| SM1727-34HS | 1700-2700 MHz 3 Watt Linear Power Amplifier | 1 2 3 | Stealth Microwave, Inc. |
| SM2022-50L | 2000-2200 MHz 100 Watt Linear Power Amplifier | 1 2 | Stealth Microwave, Inc. |
| SM1011-43 | 10700-11700 MHz X Watt Linear Power Amplifier | 1 2 | Stealth Microwave, Inc. |
| SM1727-34HSQ | 1700-2700 MHz 3 Watt Linear Power Amplifier | 1 2 | Stealth Microwave, Inc. |
| SM2023-34HS | 2000-2300 MHz 3 Watt Linear Power Amplifier | 1 2 | Stealth Microwave, Inc. |
Datasheet Page |
1 2 |
Link URL |
|
|