|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SM1822-42LS - 1800 - 2200 MHz 15 Watt Ultra-Linear Power Amplifier - Stealth Microwave, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SM7175-43 | 7100-7500 MHz 20 Watt Ultra-Linear Power Amplifier | 1 2 | Stealth Microwave, Inc. |
| SM1025-36MQ2 | 1000-2500 MHz 4 Watt Linear Power Amplifier | 1 2 3 4 | Stealth Microwave, Inc. |
| SM1727-37S | 1700-2700 MHz 5 Watt Linear Power Amplifier | 1 2 | Stealth Microwave, Inc. |
| SPA-1318 | 2150 MHz 1 Watt Power Amplifier with Active Bias | 1 2 3 4 5 | SIRENZA MICRODEVICES |
| SM1025-37MQ2 | 1000-2500 MHz 5 Watt Linear Power Amplifier | 1 2 3 4 | Stealth Microwave, Inc. |
| SM1727-37SQ | 1700-2700 MHz 5 Watt Linear Power Amplifier | 1 2 | Stealth Microwave, Inc. |
| SPA-2118 | 850 MHz 1 Watt Power Amplifier with Active Bias | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| SM1316-42L | 1300-1600 MHz 16 Watt Ultra Linear Power Amplifier | 1 2 3 | Stealth Microwave, Inc. |
| SM1819-52LD | 1805 - 1880 MHz 160 Watt Power Amplifier | 1 2 3 | Stealth Microwave, Inc. |
Datasheet Page |
1 2 |
Link URL |
|
|