Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2A Datasheet (PDF) - SEMTECH ELECTRONICS LTD.

S2A Datasheet PDF - SEMTECH ELECTRONICS LTD.
Part # S2A
Download  S2A Download

File Size   266.78 Kbytes
Page   2 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description SURFACE MOUNT GENERAL RECTIFIERS

S2A Datasheet (PDF)

Go To PDF Page Download Datasheet
S2A Datasheet PDF - SEMTECH ELECTRONICS LTD.

Part # S2A
Download  S2A Click to download

File Size   266.78 Kbytes
Page   2 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description SURFACE MOUNT GENERAL RECTIFIERS

S2A Datasheet (HTML) - SEMTECH ELECTRONICS LTD.

S2A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. S2A Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.

S2A Product details

Reverse Voltage - 50 to 1000 V

Forward Current - 2 A



Features

• The plastic package carries UL flammability classification 94V-0

• High forward surge current capability

• Low reverse current



 




Similar Part No. - S2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2A PANJIT-S2A Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
YENYO TECHNOLOGY Co., L...
S2A YENYO-S2A Datasheet
658Kb / 2P
   Surface Mount Standard Rectifier
logo
Daya Electric Group Co....
S2A DAYA-S2A Datasheet
46Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S2A VISHAY-S2A Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
02-Oct-12
logo
General Semiconductor
S2A GE-S2A Datasheet
74Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results


Similar Description - S2A

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
S3A SEMTECH_ELEC-S3A Datasheet
266Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIERS
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
GS1A TAYCHIPST-GS1A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S3XF HORNBY-S3XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
1N400XW HORNBY-1N400XW Datasheet
207Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
ON Semiconductor
S1MFL ONSEMI-S1MFL Datasheet
205Kb / 5P
   Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
More results




About SEMTECH ELECTRONICS LTD.


Semtech Corporation is an American technology company that specializes in the design and manufacture of analog and mixed-signal semiconductors.

The company was founded in 1960 and has its headquarters in Camarillo, California.

Semtech provides a wide range of products for use in communications, computing, industrial, and consumer applications.

The company is known for its innovative technology and high-quality products, and it has a strong reputation in the semiconductor industry.

Semtech operates globally and has a presence in many countries around the world, serving customers in a variety of industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com