|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
315-505-21 - PANEL INDICATOR LEDs - Ø6.35mm Mounting - Marl International Limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 307-303-2 | PANEL INDICATOR LEDs - Ã4.8mm Mounting | 1 2 3 | Marl International Limited |
| TLWD1100 | Panel Circuit Indicator | 1 2 3 4 5 More | Toshiba Semiconductor |
| TLRE1008A | Panel Circuit Indicator | 1 2 3 4 5 More | Toshiba Semiconductor |
| TLRE16TP | Panel Circuit Indicator | 1 2 3 4 5 More | Toshiba Semiconductor |
| TLOU160_07 | Panel Circuit Indicator | 1 2 3 4 5 More | Toshiba Semiconductor |
| SSI-LXH55ID | 5mm x 5mm 635mm RED LED PANEL INDICATOR RED DIFFUSED LENS | 1 | LUMEX INC. |
| SSI-LXH072SID-150 | 2.3mm x 7mm RECTANGULAR PANEL INDICATOR LED | 1 | LUMEX INC. |
| SSI-LXMP059ID-150 | 635nm RED RECTANGULAR LED PANEL INDICATOR | 1 | LUMEX INC. |
| SSI-LXMP5011SRC150 | 12mm SQUARE PANEL INDICATOR WITH LENS | 1 | LUMEX INC. |
| 124-305-04 | PCB MOUNTING LEDs - Ã 3mm | 1 2 3 | Marl International Limited |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|