|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5398 - GENERAL PURPOSE PLASTIC SILICON RECTIFIER - SEMTECH ELECTRONICS LTD. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N5400 | GENERAL PURPOSE PLASTIC SILICON RECTIFIER | 1 2 | SEMTECH ELECTRONICS LTD. |
| RL251 | 2.5A General Purpose Silicon Rectifier | 1 2 3 4 5 More | TAITRON Components Incorporated |
| 1N4001 | GENERAL PURPOSE SILICON RECTIFIER VOLTAGE RANGE 50 TO 1000 Volts Current 1 Ampere | 1 2 3 | Silan Microelectronics Joint-stock |
| RL251M | 2.5A General Purpose Silicon Rectifier | 1 2 3 4 | TAITRON Components Incorporated |
| NCR169D_05 | General Purpose Sensitive Gate Silicon Controlled Rectifier | 1 2 3 4 5 More | ON Semiconductor |
| SDR5712A2GW | 16 VOLTS GENERAL PURPOSE SILICON RECTIFIER | 1 2 | Solid States Devices, Inc |
| B05S-G | Silicon General Purpose Bridge Rectifier | 1 2 | Comchip Technology |
| 1N4001 | GENERAL PURPOSE SILICON RECTIFIER | 1 2 3 4 | TAITRON Components Incorporated |
| 1N4001G | 1.0A GENERAL PURPOSE SILICON RECTIFIER | 1 2 3 4 | TAITRON Components Incorporated |
| P300A | GENERAL PURPOSE SILICON RECTIFIER | 1 2 | MIC GROUP RECTIFIERS |
Datasheet Page |
1 2 |
Link URL |
|
|