|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UB225KKG03N-4JF - Low Profile Pushbuttons - Nihon Kaiheiki Industry Co. Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ACT9325 | miniature low profile Surface Mount package clock oscillator | 1 2 3 | Advanced Crystal Technology |
| TSCDA12 | 1.0A Low Profile Chip Schottky Rectifier | 1 2 3 4 | TAITRON Components Incorporated |
| FVS25AXT | 3.3V LOW PROFILE SMD VCXO | 1 | Fox Electronics |
| TSCD012WT | 100mA Low Profile Chip Schottky Rectifier | 1 2 3 4 | TAITRON Components Incorporated |
| BD2425J5050A00 | Ultra Low Profile 0805 Balun 50Ω to 50Ω Balanced | 1 2 3 4 5 More | Anaren Microwave |
| BD4859N5075A00 | Ultra Low Profile 0404 Balun 50Ω to 75Ω Balanced | 1 2 3 4 5 More | Anaren Microwave |
| PD3150J5050S2 | Ultra Low Profile 0805 Power Divider 50Ω to 50Ω | 1 2 3 4 5 More | Anaren Microwave |
| TFBS6711 | Low Profile Fast Infrared Transceiver FIR 4 Mbit/s for IrDA Applications | 1 2 3 4 5 More | Vishay Siliconix |
| RW-0505D | 3 Watt DIP24 low Profile package Dual Regulated Output | 1 2 | Recom International Power |
| IHLP-5050CE-07 | 5 % DCR Tolerance Low Profile Power Inductor | 1 2 3 4 | Vishay Siliconix |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|