|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BAS32L - HIGH SPEED DIODE - SEMTECH ELECTRONICS LTD. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| TSFF6210 | High Speed Infrared Emitting Diode RoHS Compliant 870 nm GaAlAs Double Hetero | 1 2 3 4 5 | Vishay Siliconix |
| TSHG8200 | High Speed Infrared Emitting Diode RoHS Compliant 830 nm GaAlAs Double Hetero | 1 2 3 4 5 | Vishay Siliconix |
| VSMF3710_08 | High Speed Infrared Emitting Diode RoHS Compliant 890 nm GaAlAs Double Hetero | 1 2 3 4 5 More | Vishay Siliconix |
| BAS216WT | High Speed Switching Diode | 1 2 3 | SEMTECH ELECTRONICS LTD. |
| BAS16X | High speed Switching Diode | 1 2 3 | Galaxy Semi-Conductor Holdings Limited |
| HSB226WK | Silicon Schottky Barrier Diode for High Speed Switching | 1 2 3 4 5 | Renesas Technology Corp |
| HSM226S_06 | Silicon Schottky Barrier Diode for High Speed Switching | 1 2 3 4 5 | Renesas Technology Corp |
| HSC119 | Silicon Epitaxial Planar Diode for High Speed Switching | 1 2 3 4 5 | Renesas Technology Corp |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|