|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CDK1304CTQ32 - 10-bit, 25 MSPS 135mW A/D Converter - Cadeka Microcircuits LLC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| XRD8799 | LOW POWER 2 MSPS 10-BIT A/D CONVERTER WITH 8-CHANNEL MUX | 1 2 3 4 5 More | Exar Corporation |
| AD9211 | 10-Bit 170/200/250 MSPS 1.8 V A/D Converter | 1 2 3 4 5 More | Analog Devices |
| HI5710A_00 | 10-Bit 20 MSPS A/D Converter | 1 2 3 4 5 More | Intersil Corporation |
| XRD87L99 | LOW POWER 2 MSPS 10-BIT A/D CONVERTER WITH 8-CHANNEL MUX | 1 2 3 4 5 More | Exar Corporation |
| HD49335NP | CDS/PGA & 10-bit A/D TG Converter | 1 2 3 4 5 More | Renesas Technology Corp |
| SPT7920 | 12-BIT 10 MSPS TTL A/D CONVERTER | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| HI1179_05 | 8-Bit 35 MSPS Video A/D Converter | 1 2 3 4 5 More | Intersil Corporation |
| ADC11C170 | 11-Bit 170 MSPS 1.1 GHz Bandwidth A/D Converter with CMOS outputs | Coming Soon | National Semiconductor |
| AD15452 | 12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|