|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CDK1302 - 8-bit, 750 MSPS, Flash A/D Converter - Cadeka Microcircuits LLC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HI1175_05 | 8-Bit 20 MSPS Flash A/D Converter | 1 2 3 4 5 More | Intersil Corporation |
| HI1166_00 | 8-Bit 250 MSPS Flash A/D Converter | 1 2 3 4 5 More | Intersil Corporation |
| HI1176_05 | 8-Bit 20 MSPS Flash A/D Converter | 1 2 3 4 5 More | Intersil Corporation |
| HI1386_03 | 8-Bit 75 MSPS Flash A/D Converter | 1 2 3 4 5 More | Intersil Corporation |
| HI3026A_03 | 8-Bit 140 MSPS Flash A/D Converter | 1 2 3 4 5 More | Intersil Corporation |
| HI1396_00 | 8-Bit 125 MSPS Flash A/D Converter | 1 2 3 4 5 More | Intersil Corporation |
| CDK1301 | 8-bit 250 MSPS A/D Converter with Demuxed Outputs REV 1A | 1 2 3 4 5 More | Cadeka Microcircuits LLC. |
| CA3318_02 | CMOS Video Speed 8-Bit Flash A/D Converter | 1 2 3 4 5 More | Intersil Corporation |
| ADC08L060_08 | 8-Bit 10 MSPS to 60 MSPS 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold | Coming Soon | National Semiconductor |
| HI3304_02 | 4-Bit 25 MSPS Flash A/D Converter | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|