|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SR320 - 3.0AMP Schottky Barrier Rectifiers - SeCoS Halbleitertechnologie GmbH |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SK32L | 3.0AMP Surface Mount Schottky Barrier Rectifiers | 1 2 3 | SeCoS Halbleitertechnologie GmbH |
| SK34AL | 3.0AMP Surface Mount Schottky Barrier Rectifiers | 1 2 | SeCoS Halbleitertechnologie GmbH |
| SM320AL | 3.0Amp Low Vf Schottky Barrier Rectifiers | 1 2 | SeCoS Halbleitertechnologie GmbH |
| SK34AL | 3.0AMP Surface Mount Schottky Barrier Rectifiers | 1 2 | List of Unclassifed Manufacturers |
| SK32L | 3.0AMP Surface Mount Schottky Barrier Rectifiers | 1 2 3 | List of Unclassifed Manufacturers |
| 1N5820 | VOLTAGE 20V ~ 40V 3.0AMP Schottky Barrier Rectifiers | 1 2 | SeCoS Halbleitertechnologie GmbH |
| BAT60B | 3.0Amp 10V Schottky Barrier Rectifiers | 1 2 3 | SeCoS Halbleitertechnologie GmbH |
| SR8A20-G | Schottky Barrier Rectifiers | 1 2 | Comchip Technology |
| MBR1635_1 | 16.0 AMPS. Schottky Barrier Rectifiers | 1 2 | Taiwan Semiconductor Company, Ltd |
| MBRF20H100CT | Isolated 20.0 AMPS. Schottky Barrier Rectifiers | 1 2 | Taiwan Semiconductor Company, Ltd |
Datasheet Page |
1 2 |
Link URL |
|
|