|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
JB15HLPC-BC - Low Profile Process Sealed Tactiles - Nihon Kaiheiki Industry Co. Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CB315FP-R | 6mm Process Sealed SMT Tactiles | 1 2 3 4 | Nihon Kaiheiki Industry Co. Ltd. |
| CB15FP-S | 6mm Process Sealed Tactiles | 1 2 3 4 | Nihon Kaiheiki Industry Co. Ltd. |
| P3065 | LOW PROFILE LINE MATCHING TRANSFORMER | 1 2 3 4 5 | ETAL Group |
| B41852 | Single-Ended GP Capacitors Low Profile | 1 2 3 4 5 More | EPCOS |
| HM65 | High Current Low Profile Surface Mount Inductors | 1 2 | Bi technologies |
| GB15AP-XA | Process Sealed Ultra-Miniature Pushbuttons | 1 2 3 4 5 | Nihon Kaiheiki Industry Co. Ltd. |
| ASF1 | 5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| HM74 | High Frequency High Current Low Profile Surface Mount Inductors | 1 2 3 | Bi technologies |
| M85331JXX | Thick Film Low Profile SIP Conformal Coated Resistor Networks | 1 2 3 4 | Bi technologies |
| HCPL-520X | Hermetically Sealed Low IF Wide VCC Logic Gate Optocouplers | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|