Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z9V1 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

MM3Z9V1 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # MM3Z9V1
Download  MM3Z9V1 Download

File Size   198.71 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Surface Mount Zener Diode

MM3Z9V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z9V1 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # MM3Z9V1
Download  MM3Z9V1 Click to download

File Size   198.71 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Surface Mount Zener Diode

MM3Z9V1 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

MM3Z9V1 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM3Z9V1 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MM3Z9V1 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH

MM3Z9V1 Product details

Surface Mount Zener Diode

200mW,SOD-323(SC-76)



Features

. RoHS Compliant

.Standard Zener Breakdown Voltage Range -2.0V to 75V

. Steady State Power Rating of 200 mW

. Small Body Outline Dimensions: 1.7 mm x 1.25 mm

. Low Body Height: 0.9 mm

. Package Weight: 4.507 mg/unit

. ESD Rating of Class 3 (>16 KV) per Human Body Model




Similar Part No. - MM3Z9V1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z9V1 DIOTEC-MM3Z9V1 Datasheet
48Kb / 2P
   Surface mount Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM3Z9V1 YFWDIODE-MM3Z9V1 Datasheet
507Kb / 3P
   Silicon Planar Zener Diodes
logo
Shenzhen Luguang Electr...
MM3Z9V1 LUGUANG-MM3Z9V1 Datasheet
1Mb / 3P
   300mW Surface Mount Zener Diode
Revision:20211201-P1
logo
Weitron Technology
MM3Z9V1 WEITRON-MM3Z9V1 Datasheet
214Kb / 5P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MM3Z9V1 SECOS-MM3Z9V1 Datasheet
220Kb / 3P
   Standard Zener Breakdown Voltage 2.4V~39V 200mW Steady State Power Rating
More results


Similar Description - MM3Z9V1

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com