|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HER101R1 - 1.0 AMP High Efficiency Rectifier - SeCoS Halbleitertechnologie GmbH |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HER101 | 1.0 AMP High Efficiency Rectifier | 1 2 | SeCoS Halbleitertechnologie GmbH |
| HER101G | 1.0 AMP Glass Passivated High Efficiency Rectifier | 1 2 | SeCoS Halbleitertechnologie GmbH |
| HER101 | 1.0 AMP . HIGH EFFICIENCY RECTIFIERS | 1 2 | Jinan Gude Electronic Device |
| HER101 | 1.0 AMP HIGH EFFICIENCY RECTIFIERS | 1 2 | UNIOHM CORPORATION |
| HER101G | 1.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS | 1 2 | UNIOHM CORPORATION |
| SPD3126 | HIGH VOLTAGE 1.0 AMP 2.5 kV MIN Standard/ Fast / UltraFast Recovery Rectifier | 1 2 | Solid States Devices, Inc |
| SF51G | 5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts | 1 | Micro Commercial Components |
| 1H1 | 1.0 AMP HIGH EFFICIENCY RECTIFIERS | 1 2 | UNIOHM CORPORATION |
| 75SLQ060 | SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 75 Amp 60V | 1 2 3 4 | International Rectifier |
| 90CLQ100 | SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 90 Amp 100V | 1 2 3 4 | International Rectifier |
Datasheet Page |
1 2 |
Link URL |
|
|