|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FFC-C5L - Fused Coupler, Single Window - JDS Uniphase Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FFCH31H | Fused Coupler Single Window Low Loss C or L Band | 1 2 3 | JDS Uniphase Corporation |
| FFCK11H0 | Fused Coupler Single Window Low loss C+L Band or S Band | 1 2 3 | JDS Uniphase Corporation |
| FFCR51H0 | Fused Coupler Single Window 980 nm | 1 2 3 | JDS Uniphase Corporation |
| S-35 | 35W Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| S-350 | 350W Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| SD-150 | 150W Single Output DC-DC Converter | 1 2 | Mean Well Enterprises Co., Ltd. |
| SP-75 | 75W Single Output with PFC Function | 1 2 | Mean Well Enterprises Co., Ltd. |
| USP-500 | 500W Single Output with PFC Function | 1 2 3 4 | Mean Well Enterprises Co., Ltd. |
| PSH-120 | 120W High Input Single Output Industrial DIN Rail Power Supply | 1 2 | Altech corporation |
| LT3080-1 | Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator | 1 2 3 4 5 More | Linear Technology |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|