|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MDX-01AD1018B - 100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module - JDS Uniphase Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| WDM-CAD01000 | Coarse Wavelength Division Multiplexer CWDM Add/Drop Filter | 1 2 3 | JDS Uniphase Corporation |
| NDL5421P_00 | 1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE | 1 2 3 4 5 | California Eastern Labs |
| NDL7603P_00 | 1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE | 1 2 3 | NEC |
| OSM | Optical Switch Module | 1 2 | JDS Uniphase Corporation |
| HMC-C043 | GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| AWM6431 | 3.5-3.8 GHz WiMAX PowerAmplifier Module | 1 2 3 4 5 More | ANADIGICS, Inc |
| HMC-C039_07 | DIVIDE-BY-5 PRESCALER MODULE 0.5 - 8.0 GHz | 1 2 3 4 | Hittite Microwave Corporation |
| HMC-C001_07 | WIDEBAND LNA MODULE 2 - 20 GHz | 1 2 3 4 | Hittite Microwave Corporation |
| TM025-035-14-32 | 2.5 - 3.5 GHz 32.5 dBm Module | 1 | Transcom, Inc. |
| TMP057-059-32-36 | 5 W GaAs PA PCB Module for 5.8 GHz Application | 1 | Transcom, Inc. |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|