|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
WDM-CAD08051 - Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter - JDS Uniphase Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| WDM-CAD01000 | Coarse Wavelength Division Multiplexer CWDM Add/Drop Filter | 1 2 3 | JDS Uniphase Corporation |
| TUWDM1551018 | CWDM Filter Chips | 1 2 3 | Bookham, Inc. |
| LBT10102 | 101.3MHz SAW Filter 5MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBT11529 | 115MHz SAW Filter 4.1MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBT12023 | 120MHz SAW Filter 6MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBT16010 | 160MHz SAW Filter 8.5MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBT17201 | SAW Filter Electrical Characteristic | 1 2 3 | SIPAT Co,Ltd |
| LBT38002 | SAW Filter Electrical Characteristic | 1 | SIPAT Co,Ltd |
| SP44-6 | 44MHz SAW Filter 6MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| SP13803 | SAW Filter Technical Specification | 1 | SIPAT Co,Ltd |
Datasheet Page |
1 2 3 |
Link URL |
|
|