|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
WDM-CAD01160 - Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter - JDS Uniphase Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MDX-04UXC001A | Outside Plant CWDM Universal Multiplexer Module | 1 2 3 4 | JDS Uniphase Corporation |
| MXWL04010315 | 4 Band 10-skip-0 Optical Add/Drop Multiplexer for 40 Channel systems | 1 2 3 | Bookham, Inc. |
| MC1C10200292 | 10 Channel Optical Add/Drop Multiplexer with Band VOAs | 1 2 3 | Bookham, Inc. |
| MDX-02ADCB1AA | Outside Plant CWDM Optical Add/Drop OSP CWDM OADM Module | 1 2 3 4 | JDS Uniphase Corporation |
| TUWDM1551018 | CWDM Filter Chips | 1 2 3 | Bookham, Inc. |
| LBT09605 | 96MHz SAW Filter 5MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBT11522 | 115MHz High-Loss SAW Filter 8.10MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBT12013 | SAW Filter Electrical Characteristic | 1 | SIPAT Co,Ltd |
| LBT15006 | SAW Filter Electrical Characteristic | 1 2 3 | SIPAT Co,Ltd |
| LBT16502 | 165.5MHz SAW Filter 7MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
Datasheet Page |
1 2 3 |
Link URL |
|
|