|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
10027001 - APE™ Phase Modulators - JDS Uniphase Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PLM-3B-10B | LINEAR PHASE MODULATORS | 1 | Merrimac Industries, Inc. |
| JPF-21E-10B | QUADRAPHASE MODULATORS | 1 2 | Merrimac Industries, Inc. |
| 1102E | 200 V - 1 000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| LTI602T | 200 V - 1 000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| L6726A | Single phase PWM controller | 1 2 3 4 5 More | STMicroelectronics |
| AD8302_02 | LF-2.7 GHz RF/IF Gain and Phase Detector | 1 2 3 4 5 More | Analog Devices |
| ZXBM1015_07 | VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER | 1 2 3 4 5 More | Zetex Semiconductors |
| MAPCGM0004-DIE | 5-Bit Digital Phase Shifter 6.0-18.0 GHz | 1 2 3 4 5 More | Tyco Electronics |
| SDA25-3UF | 10 AMPS 70 nsec ULTRA FAST RECOVERY SINGLE PHASE BRIDGE ASSEMBLY | 1 2 | Solid States Devices, Inc |
| SDA253F | 50A / 400 - 800V THREE PHASE BRIDGE RECTIFIER ASSEMBLY | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|