|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HFE7192-581 - 1/2/4/8 GBPS 850NM VCSEL LC TOSA PACKAGES - Finisar Corporation. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HFE4192-581 | 4.25GBPS 850NM VCSEL LC TOSA PACKAGE | 1 2 3 4 5 More | Finisar Corporation. |
| HFE4380-521 | 1.25GBPS 850NM VCSEL SC TOSA PACKAGE | 1 2 3 4 5 More | Finisar Corporation. |
| ONET4291VA | 1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER | 1 2 3 4 5 More | Texas Instruments |
| MCD-8T4C-511 | 2.5 Gbps PIN-TIA 850nm 3.3V | 1 2 | Unity Opto Technology |
| MCD-8T4C-323 | 1.25 Gbps PIN-TIA 850nm 3.3V & 5V | 1 2 | Unity Opto Technology |
| VSC7640 | 4x 3.125 Gbps VCSEL Transmitter Array and 4x 3.125 Gbps Receiver Arrays with Integrated Limiting Amplifiers | 1 | Vitesse Semiconductor Corporation |
| MCD-8T4C-313 | 1.25 Gbps PIN-TIA 850nm 3.3V & 5V | 1 2 | Unity Opto Technology |
| ONET8501V | 11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping | 1 2 3 4 5 More | Texas Instruments |
| V850-2106-001 | 10GBPS 850NM VCSEL ARRAYS | 1 2 3 4 5 More | Finisar Corporation. |
| KTX-485-D3AA | 2.5Gbps VCSEL TOSA | 1 | KODENSHI KOREA CORP. |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|