|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TIP30 - POWER TRANSISTORS(1.0A,40-100V,30W) - Mospec Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SD1564 | RF & MICROWAVE TRANSISTORS UHF PULSE POWER | 1 2 3 4 | Microsemi Corporation |
| 2SC5730 | Medium power transistor 30V 1.0A | 1 2 3 4 5 | Rohm |
| M68762SL | Silicon Bipolar Power Amplifier 350-400MHz 30W FM Mobile | 1 | Mitsubishi Electric Semiconductor |
| NES1821B-30 | 30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET | 1 2 3 4 5 More | NEC |
| TA8233AH | 30W BTL x 2CH AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Toshiba Semiconductor |
| MIMD10A | DUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT | 1 2 3 | Diodes Incorporated |
| PFM18030 | 1805-1880 MHz 30W 2-Stage Power Module Enhancement-Mode Lateral MOSFETs | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| TIP35 | POWER TRANSISTORS 25A 40-100V 125W | 1 2 3 | Mospec Semiconductor |
| BUX98 | HIGH POWER NPN SILICON TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| MTM45N05E | TMOS IV POWER FIELD EFFECT TRANSISTORS | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 |
Link URL |
|
|