|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1445A-1 - Medium Power Coaxial Termination - Aeroflex Circuit Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| 580-745A-XX | OUTLINE WRD580 HIGH POWER TERMINATION | 1 | Advanced Technical Materials Inc. |
| ZN2PD-9G+ | Coaxial Power Splitter/Combiner | 1 | Mini-Circuits |
| 2SC5754 | NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 0.4 W FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD M04 | 1 2 3 4 5 More | NEC |
| 2N5195_00 | MEDIUM POWER PNP SILICON TRANSISTOR | 1 2 3 4 5 | STMicroelectronics |
| SB2202 | MEDIUM POWER LOW VOLTAGE TRANSISTOR | 1 2 3 4 | Unisonic Technologies |
| 2SC5876_1 | Medium power transistor 60V 0.5A | 1 2 3 4 | Rohm |
| SGA-9189 | Medium Power Discrete SiGe Transistor | 1 2 3 4 | SIRENZA MICRODEVICES |
| ZXTN25100BFH | 100V SOT23 medium power transistor | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXTP25020CFF | 20V SOT23F PNP medium power transistor | 1 2 3 4 5 More | Zetex Semiconductors |
Datasheet Page |
1 |
Link URL |
|
|