|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1039159 - 1X2 Multi-Mode Fiber Coupler (MMC) - Finisar Corporation. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SD-3500 | 1310 nm Light Emitting Diode with Multi-Mode Fiber Receptacle | 1 2 | Optoway Technology Inc |
| PD-8300 | GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH 62.5/125 μm MULTI-MODE FIBER PIGTAIL | 1 2 | Optoway Technology Inc |
| SD-3300 | 1310 nm Light Emitting Diode with Multi-Mode Fiber Pigtail | 1 2 | Optoway Technology Inc |
| ZFDC-20-5 | Directional Coupler | 1 | Mini-Circuits |
| MACP-007727-CI07B0 | Broadband CATV 18dB Coupler 5-1200 MHz | 1 2 3 | Tyco Electronics |
| OC100 | Opto Coupler | 1 2 | Voltage Multipliers Inc. |
| DQP-2-16 | 90º HYBRID COUPLER MODEL | 1 2 | SYNERGY MICROWAVE CORPORATION |
| XC0450A-03 | Hybrid Coupler 3 dB 90° | 1 2 3 4 5 More | Anaren Microwave |
| JP520S | Pico Xinger 20dB Directional Coupler | 1 2 3 4 | Anaren Microwave |
| XC2100E-10 | 10 dB Directional Coupler | 1 2 3 4 5 More | Anaren Microwave |
Datasheet Page |
1 |
Link URL |
|
|