|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FWSF-CHASSIS-2 - WDM FWSF-CHASSIS-2 - Finisar Corporation. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CB2SLU1115533290653 | 200GHz WDM Filter Components for OADM | 1 2 3 | Bookham, Inc. |
| GBB-7520G | 1550 nm TX / 1310 nm RX 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter GBIC | 1 2 3 4 | Optoway Technology Inc |
| GBB-7540G | 1550 nm TX / 1310 nm RX 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter GBIC | 1 2 3 4 | Optoway Technology Inc |
| TF2001553329 | 200GHz WDM Filter Chips | 1 2 3 | Bookham, Inc. |
| GBB-7580-1510G | 1510 nm TX / 1590 nm RX 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter GBIC | 1 2 3 4 | Optoway Technology Inc |
| BTRS-9605G | 1310 nm TX / 1550 nm RX 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver | 1 2 3 4 5 | Optoway Technology Inc |
| GBB-7580-1590G | 1590 nm TX / 1510 nm RX 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter GBIC | 1 2 3 4 | Optoway Technology Inc |
| BTRS-9620G | 1310 nm TX / 1550 nm RX 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver | 1 2 3 4 5 | Optoway Technology Inc |
Datasheet Page |
1 |
Link URL |
|
|