|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
VZK-2790J1 - 150W CW TWT Power Amplifier - Communications & Power Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| VZU-6997V | 750W Outdoor TWT Medium Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| T02KO | 250 W Outdoor TWT Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| VZU-6995VX | 500W Outdoor TWT Medium Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| T01KO | 175 W Outdoor TWT Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| VZX-6987V7 | 750W Outdoor TWT Medium Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| 30SPA0557 | 27.0-32.0 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 | Mimix Broadband |
| XP1023-BD | 24.0-34.0 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| TPA3107D2_07 | 15-W STEREO CLASS-D AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| HMC590LP5 | GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER 6.0 - 9.5 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|