|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
T01KO - 175 W Outdoor TWT Power Amplifier - Communications & Power Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| VZU-6997V | 750W Outdoor TWT Medium Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| T02KO | 250 W Outdoor TWT Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| VZU-6995VX | 500W Outdoor TWT Medium Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| T02MO | 200W Outdoor TWT Amplifier | 1 2 | Communications & Power Industries, Inc. |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| T02UO-2G | 200W Outdoor TWT Amplifier | 1 2 | Communications & Power Industries, Inc. |
| VZU-6998VY | 750W Outdoor TWT Amplifier | 1 2 | Communications & Power Industries, Inc. |
| CMM0014-BD_06 | 2.0-22.0 GHz GaAs MMIC Power Amplifier | 1 2 3 | Mimix Broadband |
| XP1024-BD | 26.0-31.0 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| TPA3120D2_07 | 25-W STEREO CLASS-D AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 |
Link URL |
|
|