|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
VZC-6964 - 400W Compact Medium Power Amplifier - Communications & Power Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| VZX-6984A4 | 400W Compact Medium Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| VZS-6963J2 | Compact Medium Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| VZS-2776L1 | Compact Medium Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| VZU-6994 | 350/400W Compact Medium Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| HMC-ABH241 | GaAs HEMT MMIC MEDIUM POWER AMPLIFIER 50 - 66 GHz | 1 2 3 | Hittite Microwave Corporation |
| CHA3693-QDG | 20-30GHz Medium Power Amplifier | 1 2 3 4 5 More | United Monolithic Semiconductors |
| CHA2157_07 | 55-60GHz Low Noise / Medium Power Amplifier | 1 2 3 4 5 More | United Monolithic Semiconductors |
| SXA-289 | 5-2000 MHz Medium Power GaAs HBT Amplifier | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| ZHL-2-8 | Amplifier 50 Medium High Power 10 to 1000 MHz | 1 2 | Mini-Circuits |
| CHA5294 | 30-40GHz Medium Power Amplifier | 1 2 3 4 5 More | United Monolithic Semiconductors |
Datasheet Page |
1 2 |
Link URL |
|
|