|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
VZU-6995AY - 500W Compact High Power Amplifier - Communications & Power Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| VZU-6997CY | 750W Compact High Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| VZA-6906C6 | 500W Wideband Millitron High Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| LT1195_02 | Low Power High Speed Operational Amplifier | 1 2 3 4 5 More | Linear Technology |
| ATR7032 | High Gain Power Amplifier for 802.11bg WLAN Systems | 1 2 3 4 5 More | ATMEL Corporation |
| CHA5293A_06 | 17-24GHz High Power Amplifier | 1 2 3 4 5 More | United Monolithic Semiconductors |
| HA6013 | 17.0 - 18.0 GHz High Power Amplifier | 1 | HBH Microwave GmbH |
| ICL8021 | High Reliability Low Power Bipolar Operational Amplifier | 1 2 3 4 5 | Intersil Corporation |
| 2SK3497 | High Power Amplifier Application | 1 2 3 | Toshiba Semiconductor |
| FMA3016-QFN | 3.5GHz High Power Amplifier for WiMAX applications | 1 2 3 4 5 More | Filtronic Compound Semiconductors |
Datasheet Page |
1 2 |
Link URL |
|
|