|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
VZX-6984A4 - 400W Compact Medium Power Amplifier - Communications & Power Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| VZS-6963J2 | Compact Medium Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| VZS-2776L1 | Compact Medium Power Amplifier | 1 2 | Communications & Power Industries, Inc. |
| UPC1678GV | 2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| SXA-3318B | 400-2500 MHz Balanced 1/4 W Medium Power GaAs HBT Amplifier with Active Bias | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| MGA-545P8 | 1-7 GHz Medium Power Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| UPC2771TB | 3V SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| 2SC5765 | MEDIUM POWER AMPLIFIER STROBO FLASH | 1 2 3 | Unisonic Technologies |
| SXB-2089Z | 5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| UPC2771T | 3V 2400 MHz MEDIUM POWER SI MMIC AMPLIFIER | 1 2 3 4 | NEC |
| RQG2001URAQF | NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier | 1 2 3 4 5 More | Renesas Technology Corp |
Datasheet Page |
1 2 |
Link URL |
|
|