|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
107LBB400M2BD - 85°C Snap-Mount Aluminum Electrolytic Capacitors - Illinois Capacitor, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 476LBA450M2BC | +85°C Snap-Mount Aluminum Electrolytic Capacitors | 1 2 3 4 5 | Illinois Capacitor, Inc. |
| 474BPA050M | +85°C Non-Polar Axial Lead Aluminum Electrolytic Capacitors | 1 2 | Illinois Capacitor, Inc. |
| 474BPS050M | +85°C Non-Polar Radial Lead Aluminum Electrolytic Capacitors | 1 2 3 | Illinois Capacitor, Inc. |
| 104CKR050M | +85°C General Purpose Aluminum Electrolytic Capacitors | 1 2 3 4 5 | Illinois Capacitor, Inc. |
| HXC | LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS | 1 2 | RUBYCON CORPORATION |
| NACVF | Surface Mount Aluminum Electrolytic Capacitors | 1 2 | NIC-Components Corp. |
| NNR | Non-Polar Aluminum Electrolytic Capacitors | 1 | NIC-Components Corp. |
| NRE-SW | Miniature Aluminum Electrolytic Capacitors | 1 | NIC-Components Corp. |
| NRSS | Miniature Aluminum Electrolytic Capacitors | 1 2 | NIC-Components Corp. |
| NSTLW | Screw Terminal Aluminum Electrolytic Capacitors | 1 2 | NIC-Components Corp. |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|