|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1R0BCR050D - 85°C Temperature Stable Ceramic Disc Capacitors - Illinois Capacitor, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CEC010C | Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors | 1 | Cornell Dubilier Electronics |
| 561R | Lower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized | 1 2 3 | Vishay Siliconix |
| HAU100 | Ceramic High Voltage Disc Capacitors Class 1 | 1 2 3 4 | Vishay Siliconix |
| ECKD3G101MDU | High Voltage Ceramic Disc Capacitors Rated 4 to 15 kVDC Temp. Char. Y5T | 1 2 | Panasonic Semiconductor |
| HAZ470 | Ceramic High Voltage Disc Capacitors Class 2 | 1 2 3 4 5 More | Vishay Siliconix |
| GE050C | Disc Ceramic Capacitors | 1 2 | Cornell Dubilier Electronics |
| HSZ100 | Ceramic Disc Capacitors Class 2 | 1 2 3 | Vishay Siliconix |
| EMIY1-VY1 | Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors | 1 2 3 4 5 | Vishay Siliconix |
| HV500V_08 | Ceramic Disc Capacitors Class 1 and 2 500 V DC General Purpose | 1 2 3 4 5 More | Vishay Siliconix |
| EMIY2-DN | Ceramic Disc Capacitors Safety Class X1/Y2 400/250 V AC Series DN | 1 2 3 4 5 | Vishay Siliconix |
Datasheet Page |
1 2 |
Link URL |
|
|