|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
4CM500-000G - RF Power Amplifier, Plate Modulated AF Amplifier, Plated Modulated (2 tubes) - Communications & Power Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| 4CM300-000GA | RF Amplifier Plate Modulated | 1 | Communications & Power Industries, Inc. |
| XP1020-BD | 11.0-19.0 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| TQP770001 | Bluetooth Two Stage HBT Power Amplifier EDR Compliant | 1 2 3 4 5 More | TriQuint Semiconductor |
| TGA4530 | K Band High Linearity Power Amplifier | 1 2 3 4 5 More | TriQuint Semiconductor |
| AM42-0007-DIE | GaAs MMIC VSAT Power Amplifier 2W 14.0 - 14.5GHz | 1 2 | Tyco Electronics |
| MA08509D_1 | Amplifier Power 10W 8.5-10.5 GHz | 1 2 3 4 5 | Tyco Electronics |
| MAAP-008015 | Linear Power Amplifier 2.4 - 2.5 GHz 802.11b/g | 1 2 3 4 5 More | Tyco Electronics |
| MAAPGM0053-DIE | Amplifier Distributed Power 0.5 W 2.0-18.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| UPC2771T | 3V 2400 MHz MEDIUM POWER SI MMIC AMPLIFIER | 1 2 3 4 | NEC |
Datasheet Page |
1 |
Link URL |
|
|