|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
VZL-2780C2 - 500W L-Band TWT Amplifier - Communications & Power Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| VZM-2780C2 | 500W M-Band TWT Amplifier | 1 2 | Communications & Power Industries, Inc. |
| NE55410GR_07 | N-CHANNEL SILICON POWER LDMOS FET FOR 2 W + 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| LA6220PM | Monolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier | 1 2 3 4 5 More | Sanyo Semicon Device |
| VZX-2783C1 | 1.0kW X-Band TWT Amplifier | 1 2 | Communications & Power Industries, Inc. |
| UPG2106TB | L-BAND PA DRIVER AMPLIFIER | 1 2 3 | California Eastern Labs |
| UPG2110TB | L-BAND PA DRIVER AMPLIFIER | 1 2 3 | California Eastern Labs |
| UPG173TA_00 | GaAs INTEGRATED CIRCUIT L-BAND PA DRIVER AMPLIFIER | 1 2 | NEC |
| CGB7008-BD | DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| BCX71K_1 | PNP General Purpose Amplifier | 1 2 3 4 5 | Fairchild Semiconductor |
| CMM2306 | 800-2700 MHz Broadband Driver Amplifier | 1 2 3 4 | Mimix Broadband |
Datasheet Page |
1 2 |
Link URL |
|
|