|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TIP110 - POWER TRANSISTORS(2.0A,60-100V,50W) - Mospec Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2SD897A | POWER TRANSISTORS 1.5A 1500V 50W | 1 2 3 | Mospec Semiconductor |
| S-AV17 | RF POWER AMPLIFIER MODULE HAM VHF 50W FM RF POWER AMPLIFIER MODULE | 1 2 3 | Toshiba Semiconductor |
| 2N5191 | MEDIUM POWER NPN SILICON TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| NNS15 | Linear power supply single output 15W ~ 50W | 1 2 3 4 | DENSEI-LAMBDA |
| BD241A | COMPLEMENTARY SILICON POWER TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| STK417-130 | 2-Channel High Effiency AF Power Amplifier 50W x 2 ~ 100W X 2 | 1 2 3 | Sanyo Semicon Device |
| TIP120 | POWER TRANSISTORS 5.0A 60-100V 65W | 1 2 3 4 | Mospec Semiconductor |
| BUF405A | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
| BUL57 | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
| LET9002 | RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package | 1 2 3 4 | STMicroelectronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|