|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OA2000 - Optical Access 2000 (OA2000) - MRV Communications, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RI-ANT-G01E | SERIES 2000 ANTENNAS | 1 2 3 4 5 | Texas Instruments |
| A37_1 | Cascadable Amplifier 10 to 2000 MHz | 1 2 | Tyco Electronics |
| MA4PK2000_1 | 2000 Volt and 3000 Volt PIN Diodes | 1 2 3 4 5 More | Tyco Electronics |
| SW-261-PIN | Matched GaAs SPDT Switch 5 - 2000 MHz | 1 2 3 | Tyco Electronics |
| DDML0825 | Ceramic Singlelayer Feed-Through Capacitors 2000 VDC | 1 2 | Vishay Siliconix |
| ZAPD-21 | Power Splitter/Combiner 2 Way-0 50Ω 500 to 2000 MHz | 1 | Mini-Circuits |
| ISL5571A_04 | Access High Voltage Switch | 1 2 3 4 5 More | Intersil Corporation |
| AK63264W | 65 536 x 32 Bit CMOS/BiCMOS Static Random Access Memory | 1 2 | ACCUTEK MICROCIRCUIT CORPORATION |
| AK632128W | 131 072 x 32 Bit CMOS/BiCMOS Static Random Access Memory | 1 2 | ACCUTEK MICROCIRCUIT CORPORATION |
| AK5321024BW | 1 048 576 Word by 32 Bit CMOS Dynamic Random Access Memory | 1 2 | ACCUTEK MICROCIRCUIT CORPORATION |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|