|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HB01UYC - 1 WATT UNREGULATED DC/DC CONVERTERS - Murata Power Solutions Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DU1P0 | Isolated and Unregulated 1 WATT Modular DC/DC Converters | 1 2 3 | Astrodyne Corporation |
| DUP75 | Isolated and Unregulated 0.75 WATT Modular DC/DC Converters | 1 2 3 | Astrodyne Corporation |
| HB01U | 1 WATT UNREGULATED DC/DC CONVERTERS | 1 2 3 4 | Murata Power Solutions Inc. |
| ASD30 | Isolated and Regulated 30 WATT Modular DC/DC Converters | 1 2 3 | Astrodyne Corporation |
| MKC03 | Isolated and Regulated 3 WATT Modular DC/DC Converters | 1 2 3 | Astrodyne Corporation |
| DCP02 | Miniature 2W Isolated UNREGULATED DC/DC CONVERTERS | 1 2 3 4 5 More | Texas Instruments |
| ASD35 | 5V Input 3 WATT Modular DC/DC Converters | 1 2 3 | Astrodyne Corporation |
| ASD50 | Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters | 1 2 3 | Astrodyne Corporation |
| SB1R5 | Isolated and Regulated 1.5 WATT Modular DC/DC Converters | 1 2 3 4 | Astrodyne Corporation |
| ASD105 | Isolated and Regulated 1.5 WATT Modular DC/DC Converters | 1 2 3 | Astrodyne Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|