|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CPCI500D-1 - 500W 6Ux4HP DC/DC CompactPCI Power Supply - Murata Manufacturing Co., Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TPS_CPCI420DC | 420W 6Ux8HP DC/DC CompactPCI Power Supply | 1 2 3 4 | Murata Manufacturing Co., Ltd. |
| TPS_CPCI200D | 200W 3Ux4HP DC/DC CompactPCI Power Supply | 1 2 3 4 5 | Murata Manufacturing Co., Ltd. |
| TPS_CPCI350DC | 350W 6Ux8HP DC/DC CompactPCI Power Supply | 1 2 3 4 5 More | Murata Manufacturing Co., Ltd. |
| SC1110_04 | Sink and Source DC/DC Controller for Termination Power Supply Applications | 1 2 3 4 5 More | Semtech Corporation |
| RT9241A | Two-Phase DC/DC Controller for CPU Core Power Supply | 1 2 3 4 5 More | Richtek Technology Corporation |
| U6229B | DC/DC Converter - Power Supply 28 V | 1 2 3 4 5 More | TEMIC Semiconductors |
| L-487 | Common Mode Inductor For DC/DC Power supply | 1 | Rhombus Industries Inc. |
| L-521 | Common Mode Inductor For DC/DC Power supply | 1 | Rhombus Industries Inc. |
| L-522 | Common Mode Inductor For DC/DC Power supply | 1 | Rhombus Industries Inc. |
| L-667 | Common Mode Inductor For DC/DC Power supply | 1 2 | Rhombus Industries Inc. |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|