|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
55100C - 15A Current Sensing Transformers - Murata Manufacturing Co., Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KMP_5400C | 15A Current Sensing Transformers | 1 2 | Murata Manufacturing Co., Ltd. |
| KMP_5300C | 10A Current Sensing Transformers | 1 2 | Murata Manufacturing Co., Ltd. |
| ISL6564A | Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS ON or DCR Differential Current Sensing | 1 2 3 4 5 More | Intersil Corporation |
| IRS212PBF | CURRENT SENSING SINGLE CHANNEL DRIVER | 1 2 3 4 5 More | International Rectifier |
| FIS105 | CURRENT SENSE TRANSFORMERS | 1 | Pulse A Technitrol Company |
| UP-1 | Current Sensing Resistors | 1 | Riedon Powertron |
| 200 | Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ | 1 2 3 4 | Vishay Siliconix |
| UR731ET | current sensing chip resistor | 1 2 | KOA Speer Electronics, Inc. |
| SL2TTE | Current Sensing Chip Resistors | 1 2 3 4 5 More | KOA Speer Electronics, Inc. |
Datasheet Page |
1 2 |
Link URL |
|
|