|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZFSC-2-10G+ - Power Splitter/Combiner 2 Way-0 50Ω 2000 to 10000 MHz - Mini-Circuits |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZAPD-2 | Power Splitter/Combiner 2 Way-0 50Ω 1000 to 2000 MHz | 1 | Mini-Circuits |
| ZAPD-20 | Power Splitter/Combiner 2 Way-0 50Ω 700 to 2000 MHz | 1 | Mini-Circuits |
| ZAPD-21 | Power Splitter/Combiner 2 Way-0 50Ω 500 to 2000 MHz | 1 | Mini-Circuits |
| ZAPD-23 | Power Splitter/Combiner 2 Way-0 50Ω 700 to 2000 MHz | 1 | Mini-Circuits |
| ZFRSC-2050 | Power Splitter/Combiner 2 Way-0 Resistive 50Ω DC to 2000 MHz | 1 | Mini-Circuits |
| ZC2PD-900 | Power Splitter/Combiner 2 Way-0 50Ω 800 to 900 MHz | 1 | Mini-Circuits |
| ZFRSC-42 | Power Splitter/Combiner 2 Way-0 Resistive 50Ω DC to 4200 MHz | 1 | Mini-Circuits |
| ZA2CS-2G-20W | High Power Combiner 2 Way-0 50Ω 1800 to 2000 MHz | 1 | Mini-Circuits |
| ZFRSC-123 | Power Splitter/Combiner 2 Way-0 Resistive 50Ω DC to 12000 MHz | 1 | Mini-Circuits |
| ZA4PD-2 | Power Splitter/Combiner 4 Way-0° 50Ω 1000 to 2000 MHz | 1 | List of Unclassifed Manufacturers |
Datasheet Page |
1 |
Link URL |
|
|