|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BHP-400+ - High Pass Filter 50Ω 395 to 3200 MHz - Mini-Circuits |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BHP-150 | High Pass Filter 50Ω 133 to 1000 MHz | 1 | Mini-Circuits |
| BHP-200 | High Pass Filter 50Ω 185 to 3000 MHz | 1 | Mini-Circuits |
| BHP-250 | High Pass Filter 50Ω 225 to 3000 MHz | 1 | Mini-Circuits |
| BHP-300 | High Pass Filter 50Ω 290 to 3000 MHz | 1 | Mini-Circuits |
| BHP-25 | High Pass Filter 50Ω 27.5 to 800 MHz | 1 | Mini-Circuits |
| BHP-100 | High Pass Filter 50Ω 90 to 2000 MHz | 1 | Mini-Circuits |
| FL05-0001-G_1 | Low Cost SMT High Pass Filter 800 - 3000 MHz | 1 2 3 | Tyco Electronics |
| FL05-0002-G_1 | Low Cost SMT High Pass Filter 1700 - 3000 MHz | 1 2 3 | Tyco Electronics |
| MAFLCC0004 | Low Cost SMT High Pass Filter 800 - 3000 MHz | 1 2 3 4 | Tyco Electronics |
| FL07-0001-G_1 | Low Cost SMT High Pass Filter DC - 1000 MHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 |
Link URL |
|
|