Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-933 Datasheet (PDF) - Murata Power Solutions Inc.

ADS-933 Datasheet PDF - Murata Power Solutions Inc.
Part # ADS-933
Download  ADS-933 Download

File Size   134.59 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 16-Bit, 3MHz Sampling A/D Converters

ADS-933 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-933 Datasheet PDF - Murata Power Solutions Inc.

Part # ADS-933
Download  ADS-933 Click to download

File Size   134.59 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 16-Bit, 3MHz Sampling A/D Converters

ADS-933 Datasheet (HTML) - Murata Power Solutions Inc.

ADS-933 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-933 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-933 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-933 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-933 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-933 Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-933 Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-933 Datasheet HTML 8Page - Murata Power Solutions Inc.

ADS-933 Product details

GENERAL DESCRIPTION
The low-cost ADS-933 is a 16-bit, 3MHz sampling A/D converter. This device accurately samples full-scale input signals up to Nyquist frequencies with no missing codes. The dynamic performance of the ADS-933 has been optimized to achieve a signal-to-noise ratio (SNR) of 85dB and a total harmonic distortion (THD) of –84dB.
Packaged in a 40-pin TDIP, the functionally complete ADS-933 contains a fast-settling sample-hold amplifier, a subranging (two-pass) A/D converter, an internal reference, timing/control logic, and error-correction circuitry. Digital input and output levels are TTL. The ADS-933 only requires the rising edge of the start convert pulse to operate.

FEATURES
• 16-bit resolution
• 3MHz sampling rate
• Functionally complete
• No missing codes over full military temperature range
• Edge-triggered
• ±5V supplies, 1.85 Watts
• Small, 40-pin, ceramic TDIP
• 85dB SNR, –84dB THD
• Ideal for both time and frequency-domain applications




Similar Part No. - ADS-933

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-933 ETC-ADS-933 Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-933MC ETC-ADS-933MC Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-933MC DATEL-ADS-933MC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-933MC-C DATEL-ADS-933MC-C Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-933ME DATEL-ADS-933ME Datasheet
105Kb / 1P
   Sampling A/D Converters
More results


Similar Description - ADS-933

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-933 ETC-ADS-933 Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-943 ETC-ADS-943 Datasheet
166Kb / 8P
   14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-943 MURATA-PS-ADS-943 Datasheet
168Kb / 8P
   14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-932 MURATA-PS-ADS-932 Datasheet
166Kb / 11P
   16-Bit, 2MHz Sampling A/D Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com