|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ADE-R11X+ - High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz - Mini-Circuits |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ADE-R3GLH | High Reliability Mixer Level 10 LO Power +10 dBm 2000 to 2700 MHz | 1 2 | Mini-Circuits |
| ADE-R1L | High Reliability Mixer Level 3 LO Power +3 dBm 2 to 500 MHz | 1 2 | Mini-Circuits |
| ADE-R1LH | High Reliability Mixer Level 10 LO Power +10 dBm 1 to 500 MHz | 1 2 | Mini-Circuits |
| ADE-R1MHW | High Reliability Mixer Level 13 LO Power +13 dBm 5 to 600 MHz | 1 2 | Mini-Circuits |
| ADE-R5LH | High Reliability Mixer Level 10 LO Power +10 dBm 10 to 1500 MHz | 1 2 | Mini-Circuits |
| ADE-R6 | High Reliability Mixer Level 7 LO Power +7 dBm 0.15 to 250 MHz | 1 2 | Mini-Circuits |
| ADE-R6LH | High Reliability Mixer Level 10 LO Power +10 dBm 0.2 to 250 MHz | 1 2 | Mini-Circuits |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| ZLW-11 | Frequency Mixer Level 7 LO Power +7 dBm 5 to 2000 MHz | 1 2 | Mini-Circuits |
| SCM-2+ | Frequency Mixer Level 7 LO Power +7 dBm 5 to 1000 MHz | 1 2 | Mini-Circuits |
Datasheet Page |
1 2 |
Link URL |
|
|