|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ADE-R1L - High Reliability Mixer Level 3 (LO Power 3 dBm) 2 to 500 MHz - Mini-Circuits |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| ZX05-1 | Level 7 LO Power +7 dBm 0.5 to 500 MHz | 1 2 | Mini-Circuits |
| ZLW-11 | Frequency Mixer Level 7 LO Power +7 dBm 5 to 2000 MHz | 1 2 | Mini-Circuits |
| JMS-2 | Surface Mount Frequency Mixer Level 7 LO Power +7 dBm 20 to 1000 MHz | 1 2 | Mini-Circuits |
| SCM-2+ | Frequency Mixer Level 7 LO Power +7 dBm 5 to 1000 MHz | 1 2 | Mini-Circuits |
| ADE-18W | Level 7 LO Power +7 dBm 1750 to 3500 MHz Frequency Mixer | 1 2 | Mini-Circuits |
| ZFM-4212 | Level 7 LO Power +7 dBm 2000 to 4200 MHz | 1 2 | Mini-Circuits |
| ZX05-30W | Frequency Mixer Level 7 LO Power +7 dBm 300 to 4000 | 1 2 | Mini-Circuits |
| MD-M189 | High Level Termination Insensitive Mixer 1 - 3500 MHz | 1 2 3 | Tyco Electronics |
| DME500 | 500 Watts 50 Volts Pulsed Avionics 1025 - 1150 MHz high power COMMON BASE bipolar transistor. | 1 2 3 | GHz Technology |
Datasheet Page |
1 2 |
Link URL |
|
|