|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ADC-12-7550 - Directional Coupler 50/75Ω 5 to 1000 MHz - Mini-Circuits |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ADC-6-10-75 | Directional Coupler 75Ω 20 to 1000 MHz | 1 | Mini-Circuits |
| ADC-10-4 | Directional Coupler 50Ω 5 to 1000 MHz | 1 | Mini-Circuits |
| ADC-10-4-75 | Directional Coupler 75Ω 5 to 1000 MHz | 1 | Mini-Circuits |
| ADC-10-4-75R | Directional Coupler 75Ω 5 to 1000 MHz | 1 | Mini-Circuits |
| ADC-12-4-75 | Directional Coupler 75Ω 20 to 1000 MHz | 1 | Mini-Circuits |
| MACP-008249-CH09B0 | 17dB Directional Coupler 5-120 MHz | 1 2 3 | Tyco Electronics |
| ADC-6-1R | Directional Coupler 50Ω 5 to 200 MHz | 1 | Mini-Circuits |
| ADC-10-1R | Directional Coupler 50Ω 5 to 900 MHz | 1 | Mini-Circuits |
| MACPES0034 | E-Series 75 Ohm Coupler 5 - 1000 MHZ | 1 2 | Tyco Electronics |
| MACPCT0014 | 8dB Directional coupler 50 Ohms 50 - 870 MHz | 1 2 3 4 | Tyco Electronics |
Datasheet Page |
1 |
Link URL |
|
|