|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ADC-10-4+ - Directional Coupler 50Ω 5 to 1000 MHz - Mini-Circuits |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ADC-6-10-75 | Directional Coupler 75Ω 20 to 1000 MHz | 1 | Mini-Circuits |
| ADC-6-1R | Directional Coupler 50Ω 5 to 200 MHz | 1 | Mini-Circuits |
| ADC-10-1R | Directional Coupler 50Ω 5 to 900 MHz | 1 | Mini-Circuits |
| ZA4PD-2 | Power Splitter/Combiner 4 Way-0° 50Ω 1000 to 2000 MHz | 1 | List of Unclassifed Manufacturers |
| ZFL-1000VH | Amplifier 50Ω Medium Power 10 to 1000 MHz | 1 2 | Mini-Circuits |
| MACP-008249-CH09B0 | 17dB Directional Coupler 5-120 MHz | 1 2 3 | Tyco Electronics |
| MACPES0034 | E-Series 75 Ohm Coupler 5 - 1000 MHZ | 1 2 | Tyco Electronics |
| TOAT-R512 | 50Ω TTL Control Pin Diode 10 to 1000 MHz | 1 2 | Mini-Circuits |
| MACPES0054 | E-Series 50 Ohm 20dB Coupler 5 - 1000 MHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 |
Link URL |
|
|