|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ADC-6-1R+ - Directional Coupler 50Ω 5 to 200 MHz - Mini-Circuits |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MACP-008249-CH09B0 | 17dB Directional Coupler 5-120 MHz | 1 2 3 | Tyco Electronics |
| MACPCT0014 | 8dB Directional coupler 50 Ohms 50 - 870 MHz | 1 2 3 4 | Tyco Electronics |
| A80-1_1 | Cascadable Amplifier 10 to 200 MHz | 1 2 | Tyco Electronics |
| ZFBT-6GW | Bias-Tee 50Ω Wideband 0.1 to 6000 MHz | 1 2 | Mini-Circuits |
| ZFDC-20-5 | Directional Coupler | 1 | Mini-Circuits |
| MACP-007727-CI07B0 | Broadband CATV 18dB Coupler 5-1200 MHz | 1 2 3 | Tyco Electronics |
| JP520S | Pico Xinger 20dB Directional Coupler | 1 2 3 4 | Anaren Microwave |
| XC2100E-10 | 10 dB Directional Coupler | 1 2 3 4 5 More | Anaren Microwave |
| CBG-11A-500 | WIDEBAND DIRECTIONAL COUPLER | 1 | Merrimac Industries, Inc. |
| CSD-20Z-5.5G | DIRECTIONAL COUPLER | 1 2 | Merrimac Industries, Inc. |
Datasheet Page |
1 |
Link URL |
|
|