|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ADS-916 - 14-Bit, 500kHz, Low-Power Sampling A/D Converters - Murata Power Solutions Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ADS-118 | 12-Bit 5MHz Low-Power Sampling A/D Converters | 1 2 3 4 5 More | Murata Power Solutions Inc. |
| ADS-119 | 12-Bit 10MHz Low-Power Sampling A/D Converters | 1 2 3 4 5 More | Murata Power Solutions Inc. |
| ADS-951 | 18-Bit 1MHz Low-Power Sampling A/D Converters | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| ADS-112 | 12-Bit 1MHz Low-Power Sampling A/D Converters | 1 2 3 4 5 More | Murata Power Solutions Inc. |
| ADS-117 | 12-Bit 2MHz Low-Power Sampling A/D Converters | 1 2 3 4 5 More | Murata Power Solutions Inc. |
| AS1526 | 10-Bit Single Supply Low-Power 73ksps A/D Converters | 1 2 | austriamicrosystems AG |
| AS1520 | 10-Bit Single-Supply Low-Power 400/300ksps 8-Channel A/D Converters | 1 2 | austriamicrosystems AG |
| LTC1273_1 | 12-Bit 300ksps Sampling A/D Converters with Reference | 1 2 3 4 5 More | Linear Technology |
| ADS-238Q | 12-Bit 20MHz Low Power Sampling A/D Converters | 1 2 3 4 5 More | Murata Power Solutions Inc. |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|