Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1514KV18-333BZC Datasheet (PDF) - Cypress Semiconductor

CY7C1514KV18-333BZC Datasheet PDF - Cypress Semiconductor
Part # CY7C1514KV18-333BZC
Download  CY7C1514KV18-333BZC Download

File Size   814.94 Kbytes
Page   30 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 72-Mbit QDR-II SRAM 2-Word Burst Architecture

CY7C1514KV18-333BZC Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1514KV18-333BZC Datasheet PDF - Cypress Semiconductor

Part # CY7C1514KV18-333BZC
Download  CY7C1514KV18-333BZC Click to download

File Size   814.94 Kbytes
Page   30 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 72-Mbit QDR-II SRAM 2-Word Burst Architecture

CY7C1514KV18-333BZC Datasheet (HTML) - Cypress Semiconductor

Back Button CY7C1514KV18-333BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1514KV18-333BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1514KV18-333BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1514KV18-333BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1514KV18-333BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1514KV18-333BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1514KV18-333BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1514KV18-333BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1514KV18-333BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1514KV18-333BZC Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C1514KV18-333BZC Product details

Functional Description
The CY7C1510KV18, CY7C1525KV18, CY7C1512KV18, and CY7C1514KV18 are 1.8V Synchronous Pipelined SRAMs, equipped with QDR-II architecture. QDR-II architecture consists of two separate ports: the read port and the write port to access the memory array. The read port has dedicated data outputs to support read operations and the write port has dedicated data inputs to support write operations. QDR-II architecture has separate data inputs and data outputs to completely eliminate the need to “turnaround” the data bus that exists with common I/O devices.

Features
■ Separate Independent Read and Write Data Ports
   ❐ Supports concurrent transactions
■ 333 MHz Clock for High Bandwidth
■ 2-word Burst on all Accesses
■ Double Data Rate (DDR) Interfaces on both Read and Write Ports (data transferred at 666 MHz) at 333 MHz
■ Two Input Clocks (K and K) for precise DDR timing
   ❐ SRAM uses rising edges only
■ Two Input Clocks for Output Data (C and C) to minimize Clock Skew and Flight Time mismatches
■ Echo Clocks (CQ and CQ) simplify Data Capture in High Speed Systems
■ Single Multiplexed Address Input bus latches Address Inputs for both Read and Write Ports
■ Separate Port Selects for Depth Expansion
■ Synchronous internally Self-timed Writes
■ QDR™-II operates with 1.5 Cycle Read Latency when DOFF is asserted HIGH
■ Operates similar to QDR-I Device with 1 Cycle Read Latency when DOFF is asserted LOW
■ Available in x8, x9, x18, and x36 Configurations
■ Full Data Coherency, providing Most Current Data
■ Core VDD = 1.8V (±0.1V); IO VDDQ = 1.4V to VDD
   ❐ Supports both 1.5V and 1.8V IO supply
■ Available in 165-ball FBGA Package (13 x 15 x 1.4 mm)
■ Offered in both Pb-free and non Pb-free Packages
■ Variable Drive HSTL Output Buffers
■ JTAG 1149.1 Compatible Test Access Port
■ Phase Locked Loop (PLL) for Accurate Data Placement




Similar Part No. - CY7C1514KV18-333BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1514KV18-333BZC CYPRESS-CY7C1514KV18-333BZC Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1514KV18-333BZC CYPRESS-CY7C1514KV18-333BZC Datasheet
920Kb / 33P
   72-Mbit QDR II SRAM 2-Word Burst Architecture Two-word burst on all accesses
CY7C1514KV18-333BZC CYPRESS-CY7C1514KV18-333BZC Datasheet
893Kb / 34P
   72-Mbit QDR짰 II SRAM Two-Word Burst Architecture
More results


Similar Description - CY7C1514KV18-333BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_06 Datasheet
494Kb / 27P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_09 Datasheet
711Kb / 28P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18 Datasheet
369Kb / 24P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18 Datasheet
1Mb / 26P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18 Datasheet
628Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_09 Datasheet
675Kb / 29P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com