Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMB170A Datasheet (PDF) - MIC GROUP RECTIFIERS

SMB170A Datasheet PDF - MIC GROUP RECTIFIERS
Part # SMB170A
Download  SMB170A Download

File Size   74.14 Kbytes
Page   4 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMB170A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMB170A Datasheet PDF - MIC GROUP RECTIFIERS

Part # SMB170A
Download  SMB170A Click to download

File Size   74.14 Kbytes
Page   4 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMB170A Datasheet (HTML) - MIC GROUP RECTIFIERS

SMB170A Datasheet HTML 1Page - MIC GROUP RECTIFIERS SMB170A Datasheet HTML 2Page - MIC GROUP RECTIFIERS SMB170A Datasheet HTML 3Page - MIC GROUP RECTIFIERS SMB170A Datasheet HTML 4Page - MIC GROUP RECTIFIERS

SMB170A Product details

Stand-off Voltage 5.0 to 170 Volts Peak Pulse Power 600 Watts

FEATURES
• Plastic package has Underwriters Laboratory
• Flammability Classification 94V-O
• For surface mounted applications in order to optimize board space
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low incremental surge resistance
• 600W peak pulse power capability with a 10/1000μs Waveform,
   repetition rate (duty cycle): 0.01%
• Excellent clamping capability
• Fast response time: typically less than 1.0ps from 0 Volts to
   V(BR) for unidirectional and 5.0ns for bidirectional types
• For devices with V (BR)≥10V, ID are typically ID less than 1.0μA
• High temperature soldering guaranteed: 250℃/10 seconds at terminals




Similar Part No. - SMB170A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB170A LITEON-SMB170A Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Similar Description - SMB170A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com