|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SSL-LXA228SRC-TR21 - 660nm SUPER RED AXIAL LEADED LED - LUMEX INC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SSL-LXA228SIC-TR21 | 636nm SUPER INTENSITY RED AXIAL LEADED LED | 1 | LUMEX INC. |
| AL-XF0361-F7 | Super Red Axial With Gull Wing Lead AXIAL LED LAMPS | 1 2 3 4 5 | A-BRIGHT Inc |
| AL-XF0361-F8 | Super Red Axial With YOKE Lead AXIAL LED LAMPS | 1 2 3 4 5 | A-BRIGHT Inc |
| AL-XF0361-F9 | Super Red Axial With Z-Bent Lead AXIAL LED LAMPS | 1 2 3 4 5 | A-BRIGHT Inc |
| AL-XJB361 | Super Orange Red Axial LED Lamps | 1 2 3 4 5 | A-BRIGHT Inc |
| SSL-LXA228SIC-TR31 | 636nm ALLNGAP RED AXIAL LEADED LED | 1 | LUMEX INC. |
| AL-XJB361-F7 | Super Orange Red Axial With Gull Wing Lead AXIAL LED LAMPS | 1 2 3 4 5 | A-BRIGHT Inc |
| AL-XJB361-F8 | Super Orange Red Axial With YOKE Lead AXIAL LED LAMPS | 1 2 3 4 5 | A-BRIGHT Inc |
| AL-XJB361-F9 | Super Orange Red Axial With Z-Bent Lead AXIAL LED LAMPS | 1 2 3 4 5 | A-BRIGHT Inc |
| AL-XJD361 | Super Orange Red Axial LED Lamps AXIAL LED LAMPS | 1 2 3 4 5 | A-BRIGHT Inc |
Datasheet Page |
1 |
Link URL |
|
|